Part Number Hot Search : 
P3NC60FP TA449XXW 020CT 16160 STLED316 CM160 03203 ND432025
Product Description
Full Text Search
 

To Download KMUN2231T1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
NPN Silicon Bias Resistor Transistor KMUN2231T1
Transistors
Features
Simplifies Circuit Design Reduces Board Space
+0.1 2.4-0.1
SOT-23
+0.1 2.9-0.1 +0.1 0.4-0.1
Unit: mm
Reduces Component Count
+0.1 1.3-0.1
1
+0.1 0.95-0.1 +0.1 1.9-0.1
2
0.55
0.4
3
+0.05 0.1-0.01
PIN 1 BASE (INPUT)
R1 R2
+0.1 0.97-0.1
PIN 3 COLLECTOR (OUTPUT) PIN 2 EMITTER (GROUND)
1.Base
+0.1 0.38-0.1
2.Emitter 3.collector
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-Emitter Voltage Collector Current -Continuous Collector Power dissipation Thermal Resistance Junction-to-Ambient Junction temperature Storage temperature Symbol VCBO VCEO IC PC RJA Tj Tstg Rating 50 50 0.1 0.23 540 150 -55 to +150 Unit V V A W /W
Electrical Characteristics Ta = 25
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Collector cut-off current Collector cut-off current Emitter cut-off current DC current gain Collector-emitter saturation voltage Output Voltage (on) Output Voltage (off) Input Resistor Resistor Ratio Symbol V(BR)CBO V(BR)CEO ICBO ICEO IEBO hFE VCE(sat) VOL VOH R1 R1/R2 Testconditons Ic= 10 AIE=0 Ic= 2mA IB=0 VCB= 50 V , IE=0 VCE= 50 V , IB=0 VEB= 6V , IC=0 VCE=10V, IC= 5.0mA IC = 10 mA, IB = 5 mA VCC = 5.0 V, VB = 2.5 V, RL = 1.0k VCC = 5.0 V, VB = 0.5 V, RL = 1.0 k 4.9 1.5 0.8 2.2 1.0 2.9 1.2 V k 8 15 0.25 V Min 50 50 0.1 0.5 2.3 Typ Max Unit V V A A mA
0-0.1
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of KMUN2231T1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X